Electronic Components Datasheet Search
  English  ▼

X  

BLW898 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLW898
Description  UHF linear power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW898 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLW898 Datasheet HTML 4Page - NXP Semiconductors BLW898 Datasheet HTML 5Page - NXP Semiconductors BLW898 Datasheet HTML 6Page - NXP Semiconductors BLW898 Datasheet HTML 7Page - NXP Semiconductors BLW898 Datasheet HTML 8Page - NXP Semiconductors BLW898 Datasheet HTML 9Page - NXP Semiconductors BLW898 Datasheet HTML 10Page - NXP Semiconductors BLW898 Datasheet HTML 11Page - NXP Semiconductors BLW898 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1996 Jul 16
8
Philips Semiconductors
Product specification
UHF linear power transistor
BLW898
List of components
Notes
1. American Technical Ceramics type 100A or capacitor of same quality.
2. American Technical Ceramics type 100B or capacitor of same quality.
3. The striplines are on a double copper-clad PCB with PTFE fibre-glass dielectric (
εr = 2.2); thickness 0.79 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1
multilayer ceramic chip capacitor;
note 1
8.2 pF
C2, C8
Tekelec Giga trim 37271
0.6 to 4.5 pF
C3
multilayer ceramic chip capacitor;
note 1
15 pF
C4, C12
multilayer ceramic chip capacitor
10 nF; 63 V
2222 592 16627
C5
solid aluminium capacitor
10
µF; 63 V
2222 030 38109
C6
multilayer ceramic chip capacitor;
note 2
10 pF
C7
multilayer ceramic chip capacitor;
note 2
2.4 pF
C9
multilayer ceramic chip capacitor;
note 2
500 pF
C10
solid aluminium capacitor
47
µF; 63 V
2222 031 38479
C11
multilayer ceramic chip capacitor;
note 2
330 pF
C13
multilayer ceramic chip capacitor;
note 1
5.1 pF
L1
stripline; note 3
50
Ω
50
× 2.3 mm
L2
stripline; note 3
50
Ω
10
× 2.3 mm
L3
stripline; note 3
40
Ω
2
× 3.25 mm
L4, L5
stripline; note 3
40
Ω
4
× 3.25 mm
L6
RF choke
220 nH
L7
stripline; note 3
40
Ω
9
× 3.25 mm
L8
stripline; note 3
40
Ω
3.5
× 3.25 mm
L9
stripline; note 3
50
Ω
9
× 2.3 mm
L10
stripline; note 3
50
Ω
48.5
× 2.3 mm
L11
stripline; note 3
40
Ω
41.5
× 3.25 mm
L12
grade 4S2 ferroxcube wideband
RF choke
4330 030 36301
R1
metal film resistor
50
Ω; 0.6 W
2322 156 14999
R2
metal film resistor
10
Ω; 0.6 W
2322 156 11009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com