Electronic Components Datasheet Search
  English  ▼

X  

BLW898 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLW898
Description  UHF linear power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW898 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLW898 Datasheet HTML 1Page - NXP Semiconductors BLW898 Datasheet HTML 2Page - NXP Semiconductors BLW898 Datasheet HTML 3Page - NXP Semiconductors BLW898 Datasheet HTML 4Page - NXP Semiconductors BLW898 Datasheet HTML 5Page - NXP Semiconductors BLW898 Datasheet HTML 6Page - NXP Semiconductors BLW898 Datasheet HTML 7Page - NXP Semiconductors BLW898 Datasheet HTML 8Page - NXP Semiconductors BLW898 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1996 Jul 16
2
Philips Semiconductors
Product specification
UHF linear power transistor
BLW898
FEATURES
• Internal input matching for wideband operation and high
power gain
• Polysilicon emitter ballasting resistors for an optimum
temperature profile
• Gold metallization ensures excellent reliability.
APPLICATION
• Common emitter class-A operation in linear
transposers/transmitters (television) in the
470 to 860 MHz frequency band.
DESCRIPTION
NPN silicon planar transistor in a SOT171A 6-lead
rectangular flange package, with a ceramic cap. The
transistor delivers a Po sync = 3 W in class-A operation at
860 MHz and a supply voltage of 25 V.
PINNING SOT171A
PIN
DESCRIPTION
1
emitter
2
emitter
3
base
4
collector
5
emitter
6
emitter
Fig.1 Simplified outline and symbol.
handbook, halfpage
MAM141
Top view
e
c
b
1
2
3
4
5
6
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common emitter test circuit.
Note
1. Three-tone test signal (
−8, −16, and −10 dB); d
im = −63 dB.
MODE OF
OPERATION
f
(MHz)
VCE
(V)
ICQ
(A)
Po sync
(W)
Gp
(dB)
CW class-A
860
25
1.1
≥3(1)
≥9(1)
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com