Electronic Components Datasheet Search
  English  ▼

X  

BLW898 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLW898
Description  UHF linear power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW898 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLW898 Datasheet HTML 1Page - NXP Semiconductors BLW898 Datasheet HTML 2Page - NXP Semiconductors BLW898 Datasheet HTML 3Page - NXP Semiconductors BLW898 Datasheet HTML 4Page - NXP Semiconductors BLW898 Datasheet HTML 5Page - NXP Semiconductors BLW898 Datasheet HTML 6Page - NXP Semiconductors BLW898 Datasheet HTML 7Page - NXP Semiconductors BLW898 Datasheet HTML 8Page - NXP Semiconductors BLW898 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1996 Jul 16
4
Philips Semiconductors
Product specification
UHF linear power transistor
BLW898
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
IC = 15 mA; IE =0
60
−−
V
V(BR)CEO
collector-emitter breakdown voltage
IC = 30 mA; IB =0
28
−−
V
V(BR)EBO
emitter-base breakdown voltage
IE = 0.6 mA; IC = 0
2.5
−−
V
ICBO
collector-base leakage current
VBE = 0; VCB =28V
−−
1.5
mA
ICEO
collector-emitter leakage current
VCE =20V
−−
3mA
hFE
DC current gain
VCE = 25 V; IC = 1.1 A
30
−
140
Cc
collector capacitance
VCB = 25 V; IE =ie =0;
f = 1 MHz
−
18
−
pF
Cre
feedback capacitance
VCB = 25 V; IC = 0; f = 1 MHz −
11
−
pF
Fig.3
DC current gain as a function of collector
current; typical values.
VCE = 25 V; tp = 500 µs; δ =<1%.
handbook, halfpage
01
hFE
2
IC (A)
3
160
120
40
0
80
MGD532
Fig.4
Collector capacitance as a function of
collector-base voltage; typical values.
IE =ie = 0; f = 1 MHz.
handbook, halfpage
0
60
Cc
(pF)
40
20
0
10
20
40
MGD533
30
VCB (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com