Electronic Components Datasheet Search
  English  ▼

X  

ADG787 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG787
Description  2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG787 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG787 Datasheet HTML 6Page - Analog Devices ADG787 Datasheet HTML 7Page - Analog Devices ADG787 Datasheet HTML 8Page - Analog Devices ADG787 Datasheet HTML 9Page - Analog Devices ADG787 Datasheet HTML 10Page - Analog Devices ADG787 Datasheet HTML 11Page - Analog Devices ADG787 Datasheet HTML 12Page - Analog Devices ADG787 Datasheet HTML 13Page - Analog Devices ADG787 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG787
Rev. A | Page 10 of 16
1.2
1.0
0.8
0.6
0.4
0.2
0
–40
–15
10
35
60
85
TEMPERATURE (°C)
INPUT RISE/FALL TIME = 15ns
VDD = 4.2V
Figure 23. Rise-Time-to-Fall-Time Mismatch vs. Temperature
300
250
200
150
100
50
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY (V)
INPUT RISE/FALL TIME = 15ns
TA = 25°C
Figure 24. Propagation Delay Skew (tSKEW) vs. Supply Voltage
200
180
160
140
120
100
80
60
40
20
0
–40
–15
10
35
60
85
TEMPERATURE (°C)
INPUT RISE/FALL TIME = 15ns
VDD = 4.2V
Figure 25. Propagation Delay Skew (tSKEW) vs. Temperature
1
20.0ns/DIV
2.5GS/s 400ps/pt
MASK: FS (12Mbps)
Figure 26. Eye Pattern, 12 Mbps, VDD = 4.2 V, TA = 85°C, PRBS 31
1
20.0ns/DIV
2.5GS/s 400ps/pt
MASK: FS (12Mbps)
Figure 27. Eye Pattern, 12 Mbps, VDD = 4.2 V, TA = −40°C, PRBS 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com