Electronic Components Datasheet Search
  English  ▼

X  

ADG787 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG787
Description  2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG787 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG787 Datasheet HTML 7Page - Analog Devices ADG787 Datasheet HTML 8Page - Analog Devices ADG787 Datasheet HTML 9Page - Analog Devices ADG787 Datasheet HTML 10Page - Analog Devices ADG787 Datasheet HTML 11Page - Analog Devices ADG787 Datasheet HTML 12Page - Analog Devices ADG787 Datasheet HTML 13Page - Analog Devices ADG787 Datasheet HTML 14Page - Analog Devices ADG787 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG787
Rev. A | Page 11 of 16
TEST CIRCUITS
SD
VS
RON = V1/IDS
IDS
V1
Figure 28. On Resistance
SD
VS
VD
IS (OFF)
ID (OFF)
A
A
Figure 29. Off Leakage
SD
VD
ID (ON)
NC
A
Figure 30. On Leakage
D
IN
GND
RL
50
Ω
CL
35pF
VDD
VIN
VOUT
VS
VDD
VOUT
tON
tOFF
50%
50%
90%
90%
0.1
μF
S1B
S1A
Figure 31. Switching Times, tON, tOFF
VOUT
VIN
tBBM
tBBM
50%
50%
80%
0V
D
IN
GND
RL
50
Ω
CL
35pF
VDD
VOUT
VS
VDD
0.1
μF
S1B
S1A
80%
Figure 32. Break-Before-Make Time Delay, tBBM
IN
GND
VDD
VS
VIN
VOUT
1nF
VOUT
NC
SW ON
QINJ = CL ⋅ΔVOUT
SW OFF
ΔV
OUT
S1B
S1A
D
Figure 33. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com