Electronic Components Datasheet Search
  English  ▼

X  

ADG841 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG841
Description  0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG841 Datasheet(HTML) 4 Page - Analog Devices

  ADG841 Datasheet HTML 1Page - Analog Devices ADG841 Datasheet HTML 2Page - Analog Devices ADG841 Datasheet HTML 3Page - Analog Devices ADG841 Datasheet HTML 4Page - Analog Devices ADG841 Datasheet HTML 5Page - Analog Devices ADG841 Datasheet HTML 6Page - Analog Devices ADG841 Datasheet HTML 7Page - Analog Devices ADG841 Datasheet HTML 8Page - Analog Devices ADG841 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG841/ADG842
Rev. 0 | Page 4 of 16
SPECIFICATIONS—2.5 V ± 0.2 V1
VDD = 2.5 V ± 0.2 V, GND = 0 V, unless otherwise noted.
Table 3.
−40°C
−40°C
Parameter
+25°C
to +85°C
to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
0.3
Ω typ
VDD = 2.3 V, VS = 0 V to VDD, IDS = −100 mA
0.35
0.4
0.45
Ω max
Figure 18
On Resistance Flatness (RFLAT (ON))
0.025
Ω typ
VDD = 2.3 V, VS = 0 V to VDD, IDS = −100 mA
0.04
0.05
0.05
Ω max
LEAKAGE CURRENTS
VDD = 2.7 V
Source Off Leakage IS (OFF)
±0.2
nA typ
VS = 0.6 V/2.4 V, VD = 2.4 V/0.6 V; Figure 19
Channel On Leakage ID, IS (ON)
±0.2
nA typ
VS = VD = 0.6 V or 2.4 V; Figure 20
DIGITAL INPUTS
Input High Voltage, VINH
1.7
V min
Input Low Voltage, VINL
0.7
V max
Input Current, IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
Digital Input Capacitance, CIN
3.2
pF typ
DYNAMIC CHARACTERISTICS2
tON
13
ns typ
RL = 50 Ω, CL = 35 pF
16.5
18
19
ns max
VS = 1.5 V; Figure 21
tOFF
7
ns typ
RL = 50 Ω, CL = 35 pF
8.2
8.4
8.6
ns max
VS = 1.5 V; Figure 21
Charge Injection
150
pC typ
VS = 1.25 V, RS = 0 Ω, CL = 1 nF; Figure 22
Off Isolation
−54
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz; Figure 23
Total Harmonic Distortion (THD + N)
0.022
%
RL = 32 Ω, f = 20 Hz to 20 kHz, VS = 1.5 V p-p
Insertion Loss
−0.02
dB typ
RL = 50 Ω, CL = 5 pF; Figure 24
–3 dB Bandwidth
21
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 24
CS (OFF)
170
pF typ
CD (OFF)
170
pF typ
CD, CS (ON)
238
pF typ
POWER REQUIREMENTS
VDD = 2.7 V
IDD
0.003
µA typ
Digital inputs = 0 V or 2.7 V
1
4
µA max
1 Temperature range is −40°C to +125°C.
2 Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com