Electronic Components Datasheet Search
  English  ▼

X  

ADG841 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG841
Description  0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG841 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG841 Datasheet HTML 3Page - Analog Devices ADG841 Datasheet HTML 4Page - Analog Devices ADG841 Datasheet HTML 5Page - Analog Devices ADG841 Datasheet HTML 6Page - Analog Devices ADG841 Datasheet HTML 7Page - Analog Devices ADG841 Datasheet HTML 8Page - Analog Devices ADG841 Datasheet HTML 9Page - Analog Devices ADG841 Datasheet HTML 10Page - Analog Devices ADG841 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG841/ADG842
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
D
1
S
2
GND
3
VDD
6
NC
5
IN
4
ADG841/
ADG842
TOP VIEW
(Not to Scale)
Figure 2. 6-Lead SC70
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
D
Drain Terminal. Can be an input or output.
2
S
Source Terminal. Can be an input or output.
3
GND
Ground (0 V) Reference.
4
IN
Logic Control Input.
5
NC
No Connect.
6
VDD
Most Positive Power Supply Potential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com