Electronic Components Datasheet Search
  English  ▼

X  

ADG841 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG841
Description  0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG841 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG841 Datasheet HTML 8Page - Analog Devices ADG841 Datasheet HTML 9Page - Analog Devices ADG841 Datasheet HTML 10Page - Analog Devices ADG841 Datasheet HTML 11Page - Analog Devices ADG841 Datasheet HTML 12Page - Analog Devices ADG841 Datasheet HTML 13Page - Analog Devices ADG841 Datasheet HTML 14Page - Analog Devices ADG841 Datasheet HTML 15Page - Analog Devices ADG841 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADG841/ADG842
Rev. 0 | Page 12 of 16
TEST CIRCUITS
SD
VS
V
IDS
Figure 18. On Resistance
IS (OFF)
ID (OFF)
SD
VS
A
VD
A
Figure 19. Off Leakage
NC
ID (ON)
SD
VD
A
Figure 20. On Leakage
VS
IN
SD
GND
RL
300
Ω
CL
35pF
VOUT
ADG841
ADG842
VIN
VIN
VOUT
tON
tOFF
50%
50%
90%
90%
50%
50%
VDD
VDD
VSS
0.1
µF
VSS
0.1
µF
Figure 21. Switching Times, tON, tOFF
VOUT
OFF
∆V
OUT
ON
QINJ = CL × ∆VOUT
VIN
VIN
ADG842
ADG841
IN
DS
GND
CL
1nF
VOUT
VDD
VS
VDD
0.1
µF
Figure 22. Charge Injection
VS
50
Ω
NETWORK
ANALYZER
RL
50
Ω
OFF ISOLATION = 20 LOG
VOUT
VS
ADG841 – VIN = 0
ADG842 – VIN = 1
IN
D
S
GND
50
Ω
VDD
VIN
VOUT
VDD
0.1
µF
Figure 23. Off Isolation
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
VS
50
Ω
NETWORK
ANALYZER
RL
50
Ω
IN
D
S
GND
50
Ω
VDD
VIN
VOUT
VDD
0.1
µF
Figure 24. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com