Electronic Components Datasheet Search
  English  ▼

X  

ADG888 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG888
Description  0.4 OHM CMOS, Dual DPDT Switch in WLCSP/LFCSP/TSSOP Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG888 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG888 Datasheet HTML 3Page - Analog Devices ADG888 Datasheet HTML 4Page - Analog Devices ADG888 Datasheet HTML 5Page - Analog Devices ADG888 Datasheet HTML 6Page - Analog Devices ADG888 Datasheet HTML 7Page - Analog Devices ADG888 Datasheet HTML 8Page - Analog Devices ADG888 Datasheet HTML 9Page - Analog Devices ADG888 Datasheet HTML 10Page - Analog Devices ADG888 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG888
Rev. A | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0.40
0
05
VS, VD (V)
0.35
0.30
0.25
0.20
0.15
0.10
0.05
1
2
34
VDD = 4.2V
VDD = 4.5V
VDD = 5.5V
VDD = 5V
TA = 25°C
IDS = 100mA
Figure 5. On Resistance vs. VD (VS), VDD = 4.2 V to 5.5 V
0.6
0
0
VS,VD (V)
0.5
0.4
0.3
0.2
0.1
0.5
1.0
1.5
3.5
2.0
2.5
3.0
TA = 25°C
IDS = 100mA
VDD = 3V
VDD = 2.7V
VDD = 3.3V
VDD = 3.6V
Figure 6. On Resistance vs. VD (VS), VDD = 2.7 V to 3.6 V
0.45
0
05.0
VS, VD (V)
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VDD = 5V
IDS = 100mA
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 7. On Resistance vs. VD (VS) for Different
Temperatures, VDD = 5 V
0.7
0
0
3.0
VS, VD (V)
0.6
0.5
0.4
0.3
0.2
0.1
0.5
1.0
1.5
2.0
2.5
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VDD = 3V
IDS = 100mA
Figure 8. On Resistance vs. VD (VS) for Different
Temperatures, VDD = 3 V
0
50
100
150
200
250
300
350
400
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VD (V)
TA = 25°C
VDD = 5V
VDD = 3V
Figure 9. Charge Injection vs. Source Voltage
0
5
10
15
20
25
30
35
40
45
–40
–20
0
20
40
60
80
100
120
tON
tOFF
TEMPERATURE (°C)
VDD = 3V; SxB CHANNELS
VDD = 3V; SxA CHANNELS
VDD = 5V; SxB CHANNELS
VDD = 5V; SxA CHANNELS
VDD = 3V, 5V; SxB CHANNELS
VDD = 3V, 5V; SxA CHANNELS
Figure 10. tON/tOFF Times vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com