Electronic Components Datasheet Search
  English  ▼

X  

ADG888 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG888
Description  0.4 OHM CMOS, Dual DPDT Switch in WLCSP/LFCSP/TSSOP Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG888 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG888 Datasheet HTML 8Page - Analog Devices ADG888 Datasheet HTML 9Page - Analog Devices ADG888 Datasheet HTML 10Page - Analog Devices ADG888 Datasheet HTML 11Page - Analog Devices ADG888 Datasheet HTML 12Page - Analog Devices ADG888 Datasheet HTML 13Page - Analog Devices ADG888 Datasheet HTML 14Page - Analog Devices ADG888 Datasheet HTML 15Page - Analog Devices ADG888 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADG888
Rev. A | Page 12 of 16
OUTLINE DIMENSIONS
BALL 1
IDENTIFIER
SEATING
PLANE
0.50
BALL
PITCH
2.06
2.00 SQ
1.94
0.28
0.24
0.20
0.65
0.59
0.53
1
A
B
C
D
2
3
4
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
0.36
0.32
0.28
0.11
0.09
0.07
Figure 26. 16-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-16)
Dimensions shown in millimeters
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 27. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
16
5
13
8
9
12
1
4
1.95 BSC
PIN 1
INDICATOR
TOP
VIEW
4.00
BSC SQ
3.75
BSC SQ
COPLANARITY
0.08
EXPOSED
PAD
(BOTTOM VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC
12° MAX
1.00
0.85
0.80
SEATING
PLANE
0.30
0.23
0.18
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
0.20 REF
0.65 BSC
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
0.75
0.60
0.50
0.25 MIN
2.25
2.10 SQ
1.95
Figure 28. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-16-4)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com