Electronic Components Datasheet Search
  English  ▼

X  

ADG1208 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG1208
Description  Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1208 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG1208 Datasheet HTML 4Page - Analog Devices ADG1208 Datasheet HTML 5Page - Analog Devices ADG1208 Datasheet HTML 6Page - Analog Devices ADG1208 Datasheet HTML 7Page - Analog Devices ADG1208 Datasheet HTML 8Page - Analog Devices ADG1208 Datasheet HTML 9Page - Analog Devices ADG1208 Datasheet HTML 10Page - Analog Devices ADG1208 Datasheet HTML 11Page - Analog Devices ADG1208 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADG1208/ADG1209
Rev. 0 | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN
VSS
S1
S4
S3
S2
A0
A2
GND
VDD
S7
DS
S6
S5
A1
ADG1208
TOP VIEW
(Not to Scale)
8
Figure 3. ADG1208 Pin Configuration (TSSOP)
PIN 1
INDICATOR
1
VSS
2
S1
3
S2
4
S3
11 VDD
12 GND
10 S5
9S6
TOP VIEW
(Not to Scale)
ADG1208
Figure 4. ADG1208 Pin Configuration (LFCSP_VQ),
Exposed Pad Tied to Substrate, VSS
Table 4. ADG1208 Pin Function Descriptions
Pin Number
TSSOP
LFCSP_VQ
Mnemonic
Description
1
15
A0
Logic Control Input.
2
16
EN
Active High Digital Input. When low, the device is disabled and all switches are off.
When high, Ax logic inputs determine on switches.
3
1
VSS
Most Negative Power Supply Potential. In single supply applications, it can be
connected to ground.
4
2
S1
Source Terminal 1. Can be an input or an output.
5
3
S2
Source Terminal 2. Can be an input or an output.
6
4
S3
Source Terminal 3. Can be an input or an output.
7
5
S4
Source Terminal 4. Can be an input or an output.
8
6
D
Drain Terminal. Can be an input or an output.
9
7
S8
Source Terminal 8. Can be an input or an output.
10
8
S7
Source Terminal 7. Can be an input or an output.
11
9
S6
Source Terminal 6. Can be an input or an output.
12
10
S5
Source Terminal 5. Can be an input or an output.
13
11
VDD
Most Positive Power Supply Potential.
14
12
GND
Ground (0 V) Reference.
15
13
A2
Logic Control Input.
16
14
A1
Logic Control Input.
Table 5. ADG1208 Truth Table
A2
A1
A0
EN
ON SWITCH
X
X
X
0
NONE
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com