Electronic Components Datasheet Search
  English  ▼

X  

ADG1208 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG1208
Description  Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1208 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG1208 Datasheet HTML 5Page - Analog Devices ADG1208 Datasheet HTML 6Page - Analog Devices ADG1208 Datasheet HTML 7Page - Analog Devices ADG1208 Datasheet HTML 8Page - Analog Devices ADG1208 Datasheet HTML 9Page - Analog Devices ADG1208 Datasheet HTML 10Page - Analog Devices ADG1208 Datasheet HTML 11Page - Analog Devices ADG1208 Datasheet HTML 12Page - Analog Devices ADG1208 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG1208/ADG1209
Rev. 0 | Page 9 of 20
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN
VSS
S1A
S4A
S3A
S2A
A0
GND
VDD
S1B
S4B
DA
DB
S3B
S2B
A1
ADG1209
TOP VIEW
(Not to Scale)
Figure 5. ADG1209 Pin Configuration (TSSOP)
PIN 1
INDICATOR
1
VSS
2
S1A
3
S2A
4
S3A
11 S1B
12 VDD
10 S2B
9S3B
TOP VIEW
(Not to Scale)
ADG1209
Figure 6. ADG1209 Pin Configurations (LFCSP_VQ),
Exposed Pad Tied to Substrate, VSS
Table 6. ADG1209 Pin Function Descriptions
Pin Number
TSSOP
LFCSP_VQ
Mnemonic
Description
1
15
A0
Logic Control Input.
2
16
EN
Active High Digital Input. When low, the device is disabled and all switches are off.
When high, Ax logic inputs determine on switches.
3
1
VSS
Most Negative Power Supply Potential. In single supply applications, it can be
connected to ground.
4
2
S1A
Source Terminal 1A. Can be an input or an output.
5
3
S2A
Source Terminal 2A. Can be an input or an output.
6
4
S3A
Source Terminal 3A. Can be an input or an output.
7
5
S4A
Source Terminal 4A. Can be an input or an output.
8
6
DA
Drain Terminal A. Can be an input or an output.
9
7
DB
Drain Terminal B. Can be an input or an output.
10
8
S4B
Source Terminal 4B. Can be an input or an output.
11
9
S3B
Source Terminal 3B. Can be an input or an output.
12
10
S2B
Source Terminal 2B. Can be an input or an output.
13
11
S1B
Source Terminal 1B. Can be an input or an output.
14
12
VDD
Most Positive Power Supply Potential.
15
13
GND
Ground (0 V) Reference.
16
14
A1
Logic Control Input.
Table 7. ADG1209 Truth Table
A1
A0
EN
ON SWITCH PAIR
X
X
0
NONE
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com