Electronic Components Datasheet Search
  English  ▼

X  

ADG2188 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG2188
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2188 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG2188 Datasheet HTML 7Page - Analog Devices ADG2188 Datasheet HTML 8Page - Analog Devices ADG2188 Datasheet HTML 9Page - Analog Devices ADG2188 Datasheet HTML 10Page - Analog Devices ADG2188 Datasheet HTML 11Page - Analog Devices ADG2188 Datasheet HTML 12Page - Analog Devices ADG2188 Datasheet HTML 13Page - Analog Devices ADG2188 Datasheet HTML 14Page - Analog Devices ADG2188 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADG2188
Rev. 0 | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
200
0
–5
12
SOURCE VOLTAGE (V)
180
160
140
120
100
80
60
40
20
–4 –3 –2 –1 01
234
56
78
9 10 11
VSS = –5V
VDD = +5V
VSS = 0V
VDD = +8V
VSS = 0V
VDD = +12V
TA = 25°C
IDS = 10mA
Figure 4. Signal Range
85
75
65
55
45
35
25
–5.5
1.5
0.5
–0.5
–1.5
–2.5
–3.5
–4.5
SOURCE VOLTAGE (V)
VDD/VSS = ±4.5V
VDD/VSS = ±5V
VDD/VSS = ±5.5V
TA = 25°C
IDS = 10mA
Figure 5. RON vs. Source Voltage, Dual ±5 V Supplies
70
65
60
55
50
45
40
35
30
25
20
08
7
6
5
4
3
2
1
SOURCE VOLTAGE (V)
VDD = 12V
VDD = 10.8V
VDD = 13.2V
TA = 25°C
IDS = 10mA
Figure 6. RON vs. Supplies, VDD = 12 V ± 10%
90
80
70
60
50
40
30
05
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
SOURCE VOLTAGE (V)
.0
VDD = 8V
VDD = 7.2V
VDD = 8.8V
TA = 25°C
IDS = 10mA
Figure 7. RON vs. Source Voltage, VDD = 8 V ± 10%
80
70
60
50
40
30
20
10
0
–5
1
0
–1
–2
–3
–4
SOURCE VOLTAGE (V)
VDD = +5V
VSS = –5V
IDS = 10mA
TA = +85°C
TA = +125°C
TA = +25°C
TA = –40°C
Figure 8. RON vs. Temperature, Dual ±5 V Supplies
60
50
40
30
20
10
0
06
5
4
3
2
1
SOURCE VOLTAGE (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VDD = 12V
VSS = 0V
IDS = 10mA
Figure 9. RON vs. Temperature, VDD = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com