Electronic Components Datasheet Search
  English  ▼

X  

ADG2188 Datasheet(PDF) 16 Page - Analog Devices

Part # ADG2188
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2188 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG2188 Datasheet HTML 12Page - Analog Devices ADG2188 Datasheet HTML 13Page - Analog Devices ADG2188 Datasheet HTML 14Page - Analog Devices ADG2188 Datasheet HTML 15Page - Analog Devices ADG2188 Datasheet HTML 16Page - Analog Devices ADG2188 Datasheet HTML 17Page - Analog Devices ADG2188 Datasheet HTML 18Page - Analog Devices ADG2188 Datasheet HTML 19Page - Analog Devices ADG2188 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADG2188
Rev. 0 | Page 16 of 28
Y1
Y2
X2
VX
VOUT
NETWORK
ANALYZER
DATA
BIT
VOUT
R
50Ω
RL
50Ω
50Ω
R
50Ω
X1
CHANNEL-TO-CHANNEL CROSSTALK = 20 log
GND
VS
0.1µF
0.1µF
VDD
VDD
VSS
VSS
Figure 32. Channel-to-Channel Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com