Electronic Components Datasheet Search
  English  ▼

X  

ADG2188 Datasheet(PDF) 17 Page - Analog Devices

Part # ADG2188
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2188 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADG2188 Datasheet HTML 13Page - Analog Devices ADG2188 Datasheet HTML 14Page - Analog Devices ADG2188 Datasheet HTML 15Page - Analog Devices ADG2188 Datasheet HTML 16Page - Analog Devices ADG2188 Datasheet HTML 17Page - Analog Devices ADG2188 Datasheet HTML 18Page - Analog Devices ADG2188 Datasheet HTML 19Page - Analog Devices ADG2188 Datasheet HTML 20Page - Analog Devices ADG2188 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADG2188
Rev. 0 | Page 17 of 28
TERMINOLOGY
On Resistance (RON)
The series on-channel resistance measured between the
X input/output and the Y input/output.
On Resistance Match (ΔRON)
The channel-to-channel matching of on resistance when
channels are operated under identical conditions.
On Resistance Flatness (RFLAT(ON))
The variation of on resistance over the specified range produced
by the specified analog input voltage change with a constant
load current.
Channel Off Leakage (IOFF)
The sum of leakage currents into or out of an off channel input.
Channel On Leakage (ION)
The current loss/gain through an on-channel resistance,
creating a voltage offset across the device.
Input Leakage Current (IIN)
The current flowing into a digital input when a specified low
level or high level voltage is applied to that input.
Input Off Capacitance (COFF)
The capacitance between an analog input and ground when the
switch channel is off.
Input/Output On Capacitance (CON)
The capacitance between the inputs or outputs and ground
when the switch channel is on.
Digital Input Capacitance (CIN)
The capacitance between a digital input and ground.
Output On Switching Time (tON)
The time required for the switch channel to close. The time is
measured from 50% of the logic input change to the time the
output reaches 10% of the final value.
Output Off Switching Time (tOFF)
The time required for the switch to open. This time is measured
from 50% of the logic input change to the time the output
reaches 90% of the switch off condition.
Total Harmonic Distortion + Noise (THD + N)
The ratio of the harmonic amplitudes plus noise of a signal to
the fundamental.
−3 dB Bandwidth
The frequency at which the output is attenuated by 3 dB.
Off Isolation
The measure of unwanted signal coupling through an off switch.
Crosstalk
The measure of unwanted signal that is coupled through from
one channel to another as a result of parasitic capacitance.
Differential Gain
The measure of how much color saturation shift occurs when
the luminance level changes. Both attenuation and amplification
can occur; therefore, the largest amplitude change between any
two levels is specified and is expressed as a percentage of the
largest chrominance amplitude.
Differential Phase
The measure of how much hue shift occurs when the luminance
level changes. It can be a negative or positive value and is
expressed in degrees of subcarrier phase.
Charge Injection
The measure of the glitch impulse transferred from the digital
input to the analog output during on/off switching.
Input High Voltage (VINH)
The minimum input voltage for Logic 1.
Input Low Voltage (VINL)
The maximum input voltage for Logic 0.
Output Low Voltage (VOL)
The minimum input voltage for Logic 1.
Input Low Voltage (VINL)
The maximum output voltage for Logic 0.
IDD
Positive supply current.
ISS
Negative supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com