Electronic Components Datasheet Search
  English  ▼

X  

CS5165A Datasheet(PDF) 17 Page - ON Semiconductor

Part # CS5165A
Description  5?묪it Synchronous CPU Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5165A Datasheet(HTML) 17 Page - ON Semiconductor

Back Button CS5165A Datasheet HTML 10Page - ON Semiconductor CS5165A Datasheet HTML 11Page - ON Semiconductor CS5165A Datasheet HTML 12Page - ON Semiconductor CS5165A Datasheet HTML 13Page - ON Semiconductor CS5165A Datasheet HTML 14Page - ON Semiconductor CS5165A Datasheet HTML 15Page - ON Semiconductor CS5165A Datasheet HTML 16Page - ON Semiconductor CS5165A Datasheet HTML 17Page - ON Semiconductor CS5165A Datasheet HTML 18Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
CS5165A
http://onsemi.com
17
1. Rapid changes in voltage across parasitic capacitors
and abrupt changes in current in parasitic inductors
are major concerns for a good layout.
2. Keep high currents out of logic grounds.
3. Avoid ground loops as they pick up noise. Use star or
single point grounding. The source of the lower
(synchronous FET) is an ideal point where the input
and output GND planes can be connected.
4. For double−sided PCBs a single large ground plane is
not recommended, since there is little control of
where currents flow and the large surface area can act
as an antenna.
5. Even though double sided PCBs are usually sufficient
for a good layout, four−layer PCBs are the optimum
approach to reducing susceptibility to noise. Use the
two internal layers as the +5.0 V and GND planes, and
the top and bottom layers for the vias.
6. Keep the inductor switching node small by placing
the output inductor, switching and synchronous FETs
close together.
7. The FET gate traces to the IC must be as short,
straight, and wide as possible. Ideally, the IC has to be
placed right next to the FETs.
8. Use fewer, but larger output capacitors, keep the
capacitors clustered, and use multiple layer traces
with heavy copper to keep the parasitic resistance
low.
9. Place the switching FET as close to the +5.0 V input
capacitors as possible.
10. Place the output capacitors as close to the load as
possible.
11. Place the VFB filter resistor in series with theVFB pin
(pin 16) right at the pin.
12. Place the VFB filter capacitor right at the VFB pin
(pin 16).
13. The “Droop” Resistor (embedded PCB trace) has to
be wide enough to carry the full load current.
14. Place the VCC bypass capacitor as close as possible to
the VCC pin.
+
COMP
ENABLE
VFB
VGATE(H)
VGATE(L)
PWRGD
VCC
VID0
VID1
VID2
VID3
VID4
PGND
SS
COFF
CS5165A
6.0 m
W
330 pF
LGND
1200
mF/10 V × 3
1.2
mH
Si4410DY
1.0
mF
3.3 k
0.1
mF
1000 pF
5.0 V
MBRS120
1200
mF/10 V × 5
Figure 28. Additional Application Diagram, +5.0 V to +2.8 V @ 14.2 A for 300 MHz Pentium II
PENTIUM II
SYSTEM
Droop Resistor
(Embedded PCB trace)
0.1
mF
Si9410DY
MBRS120
MBRS120
1.0
mF
ENABLE
PWRGD
VID0
VID1
VID2
VID3
VID4
VCC
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com