Electronic Components Datasheet Search
  English  ▼

X  

CS5305 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 3Page - ON Semiconductor CS5305 Datasheet HTML 4Page - ON Semiconductor CS5305 Datasheet HTML 5Page - ON Semiconductor CS5305 Datasheet HTML 6Page - ON Semiconductor CS5305 Datasheet HTML 7Page - ON Semiconductor CS5305 Datasheet HTML 8Page - ON Semiconductor CS5305 Datasheet HTML 9Page - ON Semiconductor CS5305 Datasheet HTML 10Page - ON Semiconductor CS5305 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
CS5305
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.5 V < VCC < 14 V; CGATEX = 100 pF,
CCOMP = 0.01μF, CSCOMP = 0.01μF, CVCC = 0.1μF, RROSC = 32.4 kΩ, RSHARE = 60.4 kΩ, V(OCSET) = 0.54 V, DAC Code 01110; unless
otherwise stated.)
Parameter
Unit
Max
Typ
Min
Test Conditions
Voltage Feedback Error Amplifier
SHARE Fault Discharge Current
SHARE = 3.5 V,
COMP = 0.5 V,
CSx = CSREF = 0 V,
OCSET = 0.5 V
0.3
2.5
5.0
mA
Enable Input
Threshold Voltage
Monitor DRVON
1.12
1.25
1.38
V
Pull−up Voltage
1 MΩ to GND
2.5
2.7
3.0
V
Input Pull−up Resistance
−
25
50
100
kΩ
PWM Comparators
Minimum Pulse Width
Measured from CSx to GATEx,
VFB = CSREF = 0.5 V,
COMP = 0.5 V,
60 mV step on CSx;
measure at GATEx = 1.0 V
−
75
220
ns
Transient Response Time
Measured from CSREF to GATEx,
COMP = 2.1 V,
CSx = CSREF = 0.5 V,
CSREF stepped
from 1.2 V − 2.0 V
−
100
150
ns
Channel Start−up Offset
CSx = CSREF = VFB = 0 V,
measure V(COMP) when
GATEx switch high
0.34
0.6
0.75
V
Channel Start−up Offset
Mismatch
CSx = CSREF = VFB = 0 V,
measure V(COMP) when
GATEx switch high, Note 4.
−5.0
−
5.0
mV
Gates
High Voltage
IGATEx = 1.0 mA
2.25
2.5
3.0
V
Low Voltage
IGATEx = 1.0 mA
−
0.2
0.4
V
Rise Time GATE
0.8 V < GATE < 2.0 V,
VCC = 10 V
−
15
30
ns
Fall Time GATE
2.0 V > GATE > 0.8 V,
VCC = 10 V
−
15
30
ns
Oscillator
Switching Frequency
ROSC = 32.4 kΩ
300
400
500
kHz
Switching Frequency
ROSC = 63.4 kΩ, Note 4.
150
200
250
kHz
Switching Frequency
ROSC = 16.2 kΩ, Note 4.
600
800
1000
kHz
ROSC Voltage
Note 4.
0.90
1.00
1.10
V
Phase Delay
−
90
120
150
deg
4. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com