Electronic Components Datasheet Search
  English  ▼

X  

CS5305 Datasheet(PDF) 23 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 19Page - ON Semiconductor CS5305 Datasheet HTML 20Page - ON Semiconductor CS5305 Datasheet HTML 21Page - ON Semiconductor CS5305 Datasheet HTML 22Page - ON Semiconductor CS5305 Datasheet HTML 23Page - ON Semiconductor CS5305 Datasheet HTML 24Page - ON Semiconductor CS5305 Datasheet HTML 25Page - ON Semiconductor CS5305 Datasheet HTML 26Page - ON Semiconductor CS5305 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
CS5305
http://onsemi.com
23
3kW w RSHARE N
where N is the maximum number of modules that can be
placed in parallel as defined by the designer. As an
example, if ten is the maximum number of modules that
may be paralleled, then the minimum value of RSHARE
should be 30 kΩ.
The share resistor should also not be made too large, since
this is the only pull−down on the SHARE lead. Transient
response of the share bus is limited by the RC time constant
of the share resistance and any parasitic capacitance found
on the SHARE line between modules.
Droop Components
The CS5305 offers adaptive voltage positioning. This
feature allows the output voltage to be set at different levels
according to the amount of current being provided by the
module. The output voltage is somewhat higher than
nominal under no load or light load conditions and
somewhat lower than nominal under heavy load conditions.
Both set points must fall within the Power Good window.
The adaptive positioning allows for overshoot and
undershoot conditions that occur during load current
transients and results in a reduction in the peak−to−peak
VOUT voltage excursion during load current transients.
Three components are required to implement DC
adaptive voltage positioning. Resistor RFB is connected
between the module VOUT(SENSE)+ lead and the VFB lead.
Resistor RDRP is connected between the VDRP lead and
VFB lead. Resistor RVSENSE is connected between the
VOUT(SENSE)+ lead and the module VOUT lead. These
connections are shown in Figure 39.
Figure 39.
RDRP
RFB
RVSENSE
VOUT
VOUT(SENSE)+
VFB
VDRP
The first step in choosing these components is to select the
appropriate no−load and full−load output voltage set points
for the particular DAC code being used. Additionally, the
values of ROSC and ROCSET should be known, as should
ESR of the output inductors and the full−load output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com