Electronic Components Datasheet Search
  English  ▼

X  

SLG47502 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SLG47502
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47502 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SLG47502 Datasheet HTML 35Page - Renesas Technology Corp SLG47502 Datasheet HTML 36Page - Renesas Technology Corp SLG47502 Datasheet HTML 37Page - Renesas Technology Corp SLG47502 Datasheet HTML 38Page - Renesas Technology Corp SLG47502 Datasheet HTML 39Page - Renesas Technology Corp SLG47502 Datasheet HTML 40Page - Renesas Technology Corp SLG47502 Datasheet HTML 41Page - Renesas Technology Corp SLG47502 Datasheet HTML 42Page - Renesas Technology Corp SLG47502 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 192 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
39 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
7
Combination Function Macrocells
The SLG47502/03 has 15 combination function macrocells that can serve as more than one logic or timing function. In each case,
they can serve as a Look Up Table (LUT), or as another logic or timing function. See the list below for the functions that can be
implemented in these macrocells.
 Three macrocells that can serve as 2-bit LUT or as D Flip-Flop, or as Shift Register
 Ten macrocells that can serve as either 3-bit LUTs or as D Flip-Flops with Set/Reset Input, or as Shift Register
 One macrocell that can serve as either 2-bit LUT or as Programmable Pattern Generator (PGen)
 One macrocell that can serve as either 4-bit LUT or as D Flip-Flop with Set/Reset Input, or as Shift Register
Inputs/Outputs for the 15 combination function macrocells are configured from the connection matrix with specific logic functions
being defined by the state of configuration bits.
When used as a LUT to implement combinatorial logic functions, the outputs of the LUTs can be configured to any user defined
function, including the following standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR).
7.1 2-BIT LUT OR D FLIP-FLOP OR SHIFT REGISTER MACROCELLS
There are three macrocells that can serve as 2-bit LUT or as DFF/LATCH, or as Shift Register. It is also possible to define the
active level (Q or nQ) for the macrocell’s output by registers [748], [753], [758]. DFF/Shift Register or LUT are selected by registers
[744], [749], [754]. When used to implement LUT functions, the 2-bit LUT takes in two input signals from the connection matrix
and produce a single output, which goes back into the connection matrix.
When used to implement Shift Register, the two input signals from the connection matrix go to the data (D_in), clock (CLK) inputs
for the Shift Register, with the output going back to the connection matrix. The input data (D_in) writes into LSB. The Shift Register
length (up to 4 bits/memory cells) is selected by registers [746:745], [751:750], [756:755], when these registers = 0 DFF/LATCH
function is selected.
When used to implement DFF/LATCH function, the two input signals from the connection matrix go to the data (D_in), clock (CLK)
inputs for the Flip-Flop, with the output going back to the connection matrix. LATCH or DFF configuration is selected by registers
[747], [752], [757].
The operation of the D Flip-Flop and LATCH will follow the functional descriptions below:
DFF: CLK is rising edge triggered, then Q = D; otherwise Q will not change.
LATCH: when CLK is Low, then Q = D; otherwise Q remains its previous value (input D has no effect on the output, when CLK
is High).
It's possible to read/write the Shift Register content via I2C. See section 15.4.10 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com