Electronic Components Datasheet Search
  English  ▼

X  

SLG47502 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SLG47502
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47502 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SLG47502 Datasheet HTML 19Page - Renesas Technology Corp SLG47502 Datasheet HTML 20Page - Renesas Technology Corp SLG47502 Datasheet HTML 21Page - Renesas Technology Corp SLG47502 Datasheet HTML 22Page - Renesas Technology Corp SLG47502 Datasheet HTML 23Page - Renesas Technology Corp SLG47502 Datasheet HTML 24Page - Renesas Technology Corp SLG47502 Datasheet HTML 25Page - Renesas Technology Corp SLG47502 Datasheet HTML 26Page - Renesas Technology Corp SLG47502 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 192 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
23 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
Vref
Vref Accuracy,
Buffer Disabled
Vref = 25 mV
T = 25 °C
-1.65
--
1.49
%
-8.17
--
4.42
%
Vref = 25 mV to 850 mV
T = 25 °C
-1.65
--
1.49
%
-8.17
--
4.42
%
Vref = 50 mV to 850 mV
T = 25 °C
-1.27
--
1.37
%
-7.87
--
4.27
%
Vref = 250 mV to 850 mV
T = 25 °C
-0.81
--
0.72
%
-7.46
3.67
%
Vref = 850 mV
T = 25 °C
-0.61
--
0.68
%
-7.15
--
3.61
%
Vref Output Error,
Buffer Enabled
Vref = 250 mV to 850 mV
T = 25 °C
-1.53
--
1.73
%
-8.19
--
5.01
%
Vref = 850 mV
T = 25 °C
-0.90
--
1.05
%
-7.33
--
3.92
%
Vref = 25 mV to 850 mV
VDD = 1.2 V
-27.18
--
31.20
%
Vref = 200 mV to 850 mV,
Load Current = 1 µA
T = 25 °C, VDD = 1.2 V
-2.82
--
3.64
%
VDD = 1.2 V
-7.81
--
7.75
%
Vref Output Buffer
Offset
Vref = 25 mV
T = 25 °C
-5.36
--
6.51
mV
-6.10
--
7.83
mV
Vref = 25 mV to 850 mV
T = 25 °C
-5.87
--
6.55
mV
-9.06
--
9.79
mV
Vref Output
Capacitance Loading
Load Resistance =
1 M
Ω,
Vref = 25 mV to 850 mV
--
--
50
pF
Load Resistance =
1 k
Ω,
Vref = 25 mV to 850 mV
--
--
200
pF
Note 1 VIL = Vin - VHYS, VIH = Vin.
Table 18: ACMP Specifications at T = -40 °C to +85 °C, VDD = 1.1 V to 1.3 V Unless Otherwise Noted (Continued)
Parameter
Description
Note
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com