Electronic Components Datasheet Search
  English  ▼

X  

SLG47502 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG47502
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47502 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG47502 Datasheet HTML 9Page - Renesas Technology Corp SLG47502 Datasheet HTML 10Page - Renesas Technology Corp SLG47502 Datasheet HTML 11Page - Renesas Technology Corp SLG47502 Datasheet HTML 12Page - Renesas Technology Corp SLG47502 Datasheet HTML 13Page - Renesas Technology Corp SLG47502 Datasheet HTML 14Page - Renesas Technology Corp SLG47502 Datasheet HTML 15Page - Renesas Technology Corp SLG47502 Datasheet HTML 16Page - Renesas Technology Corp SLG47502 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
13 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
3
Characteristics
3.1 ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, so functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specification are not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect
device reliability.
3.2 ELECTROSTATIC DISCHARGE RATINGS
3.3 RECOMMENDED OPERATING CONDITIONS
Table 3: Absolute Maximum Ratings
Parameter
Min
Max
Unit
Supply Voltage on VDD relative to GND
-0.3
2.2
V
DC Input Voltage
GND - 0.5 V
VDD + 0.5 V
V
Maximum Average or DC Current
(Through VDD or GND pin)
--
90
mA
Maximum Average or DC Current
(Through pin)
Push-Pull 1x
--
11
mA
Push-Pull 2x
--
16
OD 1x
--
11
OD 2x
--
21
Current at Input Pin
-1.0
1.0
mA
Input Leakage Current (Absolute Value)
--
1000
nA
Storage Temperature Range
-65
150
°C
Junction Temperature
--
150
°C
Moisture Sensitive Level
1
Table 4: Electrostatic Discharge Ratings
Parameter
Min
Max
Unit
ESD Protection (Human Body Model)
2000
--
V
ESD Protection (Charged Device Model)
1000
--
V
Table 5: Recommended Operating Conditions
Parameter
Condition
Min
Max
Unit
Supply Voltage (VDD)
1.1
1.3
V
Operating Temperature
-40
85
°C
Maximal Voltage Applied to any PIN in High
Impedance State
--
VDD+
0.3
V
Typical Capacitor Value at VDD
0.1
--
µF
Analog Input Common Mode Range
Allowable Input Voltage at Analog Pins
0
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com