Electronic Components Datasheet Search
  English  ▼

X  

BS107 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BS107
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BS107 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BS107 Datasheet HTML 4Page - NXP Semiconductors BS107 Datasheet HTML 5Page - NXP Semiconductors BS107 Datasheet HTML 6Page - NXP Semiconductors BS107 Datasheet HTML 7Page - NXP Semiconductors BS107 Datasheet HTML 8Page - NXP Semiconductors BS107 Datasheet HTML 9Page - NXP Semiconductors BS107 Datasheet HTML 10Page - NXP Semiconductors BS107 Datasheet HTML 11Page - NXP Semiconductors BS107 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
April 1995
8
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BS107
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
max
L2
max
2.5
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Notes
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54 variant
TO-92
SC-43
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads (on-circle)
SOT54 variant
1
2
3
L2
e1
e
97-04-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com