Electronic Components Datasheet Search
  English  ▼

X  

BS107 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BS107
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BS107 Datasheet(HTML) 4 Page - NXP Semiconductors

  BS107 Datasheet HTML 1Page - NXP Semiconductors BS107 Datasheet HTML 2Page - NXP Semiconductors BS107 Datasheet HTML 3Page - NXP Semiconductors BS107 Datasheet HTML 4Page - NXP Semiconductors BS107 Datasheet HTML 5Page - NXP Semiconductors BS107 Datasheet HTML 6Page - NXP Semiconductors BS107 Datasheet HTML 7Page - NXP Semiconductors BS107 Datasheet HTML 8Page - NXP Semiconductors BS107 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
April 1995
4
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BS107
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown
voltage
VGS =0
ID =10 µA
200
−−
V
IDSS
drain-source leakage current
VDS = 130 V
VGS =0
−−
30
nA
IDSX
drain-source leakage current
VDS =70V
VGS = 0.2 V
−−
1
µA
±I
GSS
gate-source leakage current
±VGS =15V
VDS =0
−−
10
nA
VGS(th)
gate threshold voltage
ID =1mA
VDS =VGS
0.8
−
2.4
V
RDS(on)
drain-source on-resistance
ID =20mA
VGS = 2.6 V
−
20
28
Ω
RDS(on)
drain-source on-resistance
ID = 150 mA
VGS =10V
−
14
−Ω
 Y
fs
transfer admittance
ID = 250 mA
VDS =15V
90
180
−
mS
Ciss
input capacitance
VDS =10V
VGS =0
f=1MHz
−
50
65
pF
Coss
output capacitance
VDS =10V
VGS =0
f=1MHz
−
16
25
pF
Crss
feedback capacitance
VDS =10V
VGS =0
f=1MHz
−
410
pF
Switching times (see Figs 2 and 3)
ton
switching-on time
ID = 250 mA
VDD =50V
VGS = 0 to 10 V
−
210
ns
toff
switching-off time
ID = 250 mA
VDD =50V
VGS = 0 to 10 V
−
420
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com