Electronic Components Datasheet Search
  English  ▼

X  

BS208 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BS208
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BS208 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BS208 Datasheet HTML 2Page - NXP Semiconductors BS208 Datasheet HTML 3Page - NXP Semiconductors BS208 Datasheet HTML 4Page - NXP Semiconductors BS208 Datasheet HTML 5Page - NXP Semiconductors BS208 Datasheet HTML 6Page - NXP Semiconductors BS208 Datasheet HTML 7Page - NXP Semiconductors BS208 Datasheet HTML 8Page - NXP Semiconductors BS208 Datasheet HTML 9Page - NXP Semiconductors BS208 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
April 1995
6
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BS208
Fig.9
Temperature coefficient of drain-source
on-resistance;
;
typical RDS(on) at 200 mA/10 V.
k
R
DS on
() at Tj
R
DS on
() at 25 °C
----------------------------------------------
=
handbook, halfpage
−50
0
50
k
Tj (°C)
150
2.5
0
2
100
1.5
1
0.5
MDA710
Fig.10 Temperature coefficient of gate-source
threshold voltage;
;
typical VGS(th) at 1 mA.
k
V
GS th
() at Tj
V
GS th
() at 25 °C
--------------------------------------------
=
handbook, halfpage
−50
0
50
Tj (°C)
k
150
1.1
1
0.8
0.7
0.9
100
MDA711



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com