Electronic Components Datasheet Search
  English  ▼

X  

BS208 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BS208
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BS208 Datasheet(HTML) 2 Page - NXP Semiconductors

  BS208 Datasheet HTML 1Page - NXP Semiconductors BS208 Datasheet HTML 2Page - NXP Semiconductors BS208 Datasheet HTML 3Page - NXP Semiconductors BS208 Datasheet HTML 4Page - NXP Semiconductors BS208 Datasheet HTML 5Page - NXP Semiconductors BS208 Datasheet HTML 6Page - NXP Semiconductors BS208 Datasheet HTML 7Page - NXP Semiconductors BS208 Datasheet HTML 8Page - NXP Semiconductors BS208 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
April 1995
2
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BS208
FEATURES
• Direct interface to C-MOS
• High-speed switching
• No secondary breakdown.
DESCRIPTION
P-channel enhancement mode
vertical D-MOS transistor in a TO-92
envelope. Intended for use in relay,
high-speed and line transformer
drivers.
PINNING - TO-92
PIN
DESCRIPTION
1
source
2
gate
3
drain
Fig.1 Simplified outline and symbol.
handbook, halfpage
1
3
2
MAM149
s
d
g
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage (DC)
−−
−200
V
VGSO
gate-source voltage (DC)
open drain
−−
±20
V
 Y
fs
forward transfer admittance
ID = −200 mA; VDS = −25 V
100
200
−
mS
ID
drain current (DC)
−−
−0.2
A
RDS(on)
drain-source on-state resistance
VGS = −10 V; ID = −200 mA
−
10
14
Ω
Ptot
total power dissipation
Tamb =25 °C
−−
0.83
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com