Electronic Components Datasheet Search
  English  ▼

X  

BS208 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BS208
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BS208 Datasheet(HTML) 4 Page - NXP Semiconductors

  BS208 Datasheet HTML 1Page - NXP Semiconductors BS208 Datasheet HTML 2Page - NXP Semiconductors BS208 Datasheet HTML 3Page - NXP Semiconductors BS208 Datasheet HTML 4Page - NXP Semiconductors BS208 Datasheet HTML 5Page - NXP Semiconductors BS208 Datasheet HTML 6Page - NXP Semiconductors BS208 Datasheet HTML 7Page - NXP Semiconductors BS208 Datasheet HTML 8Page - NXP Semiconductors BS208 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
April 1995
4
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BS208
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Notes
1. Measured at f = 1 MHz;
−V
DS = 25 V; VGS =0.
2.
−VGS = 0 to 10 V; −ID = 250 mA; −VDD =50V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
−V(BR)DSS
drain-source breakdown
voltage
−VGS =0
−ID =10 µA
200
−
-V
−I
DSS
drain-source leakage current
−VDS = 130 V
VGS =0
−−
1
µA
−IDSS
drain-source leakage current
−VDS =70V
−VGS = 0.2 V
−−
25
µA
−I
GSS
gate-source leakage current
−VGS =20V
VDS =0
−−
100
nA
−VGS(th)
gate-source threshold
voltage
VGS =VDS
−ID =1mA
0.8
−
2.8
V
RDS(on)
drain-source on-resistance
−VGS =10V
−ID = 200 mA
−−
14
Ω
 Y
fs
transfer admittance
−VDS =25V
−ID = 200 mA
100
200
−
mS
Ciss
input capacitances
note 1
−
55
90
pF
Coss
output capacitance
note 1
−
20
30
pF
Crss
feedback capacitance
note 1
−
515
pF
ton
turn-on time
note 2
−
510
ns
toff
turn-off time
note 2
−
20
30
ns
Fig.3 Switching times test circuit.
handbook, halfpage
MBB689
50
Ω
VDD = −50 V
ID
0 V
−10 V
Fig.4 Input and output waveforms.
handbook, halfpage
MBB690
10 %
90 %
90 %
10 %
ton
toff
OUTPUT
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com