Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 341 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 341 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 337Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 338Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 339Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 340Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 341Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 342Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 343Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 344Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 345Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 441 page
background image
7- 46
MC68340 USER’S MANUAL
MOTOROLA
7.5 SERIAL MODULE INITIALIZATION SEQUENCE
The following paragraphs discuss a suggested method for initializing the serial module.
7.5.1 Serial Module Configuration
If the serial capability of the MC68340 is being used, the following steps are required to
properly initialize the serial module.
NOTE
The serial module registers can only be accessed by byte operations.
Command Register (CR)
• Reset the receiver and transmitter for each channel.
The following steps program both channels:
Module Configuration Register (MCR)
• Initialize the stop bit (STP) for normal operation.
• Select whether to respond to or ignore FREEZE (FRZx bits).
• Select the input capture clock (ICCS bit).
• Select the access privilege for the supervisor/user registers (SUPV bit).
• Select the interrupt arbitration level for the serial module (IARBx bits).
Interrupt Vector Register (IVR)
• Program the vector number for a serial module interrupt.
Interrupt Level Register (ILR)
• Program the interrupt priority level for a serial module interrupt.
Interrupt Enable Register (IER)
• Enable the desired interrupt sources.
Auxiliary Control Register (ACR)
• Select baud rate set (BRG bit).
• Initialize the input enable control (IEC bits).
Output Port Control Register (OPCR)
• Select the function of the output port pins.
Interrupt Status Register (ISR)
• The XTAL_RDY bit should be polled until it is cleared to ensure that an unstable
crystal input is not applied to the baud rate generator.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com