Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 342 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 342 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 338Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 339Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 340Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 341Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 342Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 343Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 344Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 345Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 346Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 47
The following steps are channel specific:
Clock Select Register (CSR)
• Select the receiver and transmitter clock.
Mode Register 1 (MR1)
• If desired, program operation of receiver ready-to-send (RxRTS bit).
• Select receiver-ready or FIFO-full notification (R/F bit).
• Select character or block error mode (ERR bit).
• Select parity mode and type (PM and PT bits).
• Select number of bits per character (B/Cx bits).
Mode Register 2 (MR2)
• Select the mode of channel operation (CMx bits).
• If desired, program operation of transmitter ready-to-send (TxRTS bit).
• If desired, program operation of clear-to-send (TxCTS bit).
• Select stop-bit length (SBx bits).
Command Register (CR)
• Enable the receiver and transmitter.
7.5.2 Serial Module Example Configuration Code
The following code is an example of a configuration sequence for the serial module.
***************************************************************************
* MC68340 basic serial module register initialization example code.
* This code is used to initialize the 68340's internal serial module registers,
* providing basic functions for operation.
* It sets up serial channel A for communication with a 9600 baud terminal.
* Note: All serial module registers must be accessed as bytes.
***************************************************************************
***************************************************************************
* equates
***************************************************************************
MBAR
EQU $0003FF00 Address of SIM40 Module Base Address Reg.
MODBASE
EQU $FFFFF000 SIM40 MBAR address value
***************************************************************
* Serial module equates
SERIAL
EQU $700
Offset from MBAR for serial module regs
MCRH
EQU $0
serial MCR high byte
MCRL
EQU $1
serial MCR low byte
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com