Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 343 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 343 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 339Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 340Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 341Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 342Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 343Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 344Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 345Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 346Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 347Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 441 page
background image
7- 48
MC68340 USER’S MANUAL
MOTOROLA
* Serial register offsets from serial base address
MR1A
EQU
$10
Mode register 1 A
MR2A
EQU
$20
Mode register 2 A
SRA
EQU
$11
Status register A
CSRA
EQU
$11
Clock select reg A
CRA
EQU
$12
Command reg A
ACR
EQU
$14
Auxiliary control reg
OPCR
EQU
$1D
Output port control reg
OP_BS
EQU
$1E
Output port bit set (write 1 to set)
OP_BR
EQU
$1F
Output port bit reset (write 1 to clear)
***************************************************************************
***************************************************************************
* Initialize Serial channel A
***************************************************************************
LEA
MODBASE+SERIAL,A0
Pointer to serial channel A
* Module configuration register:
* Enable serial module for normal operation, ignore FREEZE, select the
* crystal clock. Supervisor/user serial registers unrestricted.
* Interrupt arbitration at priority $02.
MOVE.B
#$00,MCRH(A0)
MOVE.B
#$02,MCRL(A0)
* WAIT FOR TRANSMITTER EMPTY (OR TIMEOUT)
MOVE.W
#$2000,D0
init loop counter
XBMTWAIT EQU
*
BTST
#3,SRA(A0)
TX empty in status reg?
NOP
DBNE
D0,XBMTWAIT
loop until set or timeout
* NEGATE
RTSA SIGNAL OUTPUT
MOVE.B
#0,OPCR(A0)
make OP0-7 general purpose
MOVE.B
#$01,OP_BR(A0)
clear
RTSA/OP0 output
* RESET RECEIVER/TRANSMITTER
MOVE.B
#$20,CRA(A0)
Issue reset receiver command
MOVE.B
#$30,CRA(A0)
Issue reset transmitter command
* SET BAUD RATE SET 2
MOVE.B
#$80,ACR(A0)
* MODE REGISTER 1
MOVE.B
#$93,MR1A(A0)
8 bits, no parity, auto RTS control
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com