Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 347 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 347 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 343Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 344Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 345Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 346Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 347Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 348Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 349Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 350Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 351Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
8- 3
I
M
B
MODULE CONFIGURATION REGISTER
INTERRUPT REGISTER
CONTROL REGISTER
STATUS REGISTER
PRELOAD 1 REGISTER
PRELOAD 2 REGISTER
(SYSTEM CLOCK)
CLOCK
MUX
16-BIT
COUNTER
CLOCK
LOGIC
COUNTER
CLOCK
MUX
8-BIT
PRESCALER
SELECTED
CLOCK
TIN
TGATE
TIMEOUT
16-BIT
COMPARATOR
TOUT
COUNTER REGISTER
COMPARE REGISTER
TIMER
EXTERNAL
INTERFACE
Figure 8-2. Timer Functional Diagram
8.1.1.4 CLOCK SELECTION LOGIC. The clock selection logic consists of two
multiplexers that select the clocks applied to the prescaler and counter. The first
multiplexer (labeled clock logic in Figure 8-2) selects between the clock input to the timer
(TINx) or one-half the frequency of the system clock (CLKOUT). This output of the first
multiplexer (called selected clock) is applied to both the 8-bit prescaler and the second
multiplexer. The second multiplexer selects the clock for the 16-bit counter, which is either
the selected clock or the 8-bit prescaler output.
8.1.2 Internal Control Logic
The timer receives operation commands on the IMB and, in turn, issues appropriate
operation signals to the internal timer control logic. This mechanism allows the timer
registers to be accessed and programmed. Refer to 8.4 Register Description for
additional information.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com