| Electronic Components Datasheet Search |
|
MC68340 Datasheet(PDF) 351 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 Datasheet(HTML) 351 Page - Freescale Semiconductor, Inc |
|
351 / 441 page ![]() MOTOROLA MC68340 USER’S MANUAL 8- 7 to its location in the SR. See Figure 8-4 for a depiction of this mode. If the timing gate is disabled (CR TGE bit is cleared), TGATE ≈ has no effect on the operation of the timer; thus the input capture function is inoperative. At all times, the TGATE ≈ level bit (TGL) in the SR reflects the level of the TGATE ≈ signal. COUNTER CLOCK COUNTER COUNTER REGISTER TGATE TOUT Modex Bits in Control Register = 000 Preload 1 Register = 8 Compare Register = 7 TGE Bit of Status Register = 1 TG Bit in Status Register Initially = 0 OCx Bits in Control Register = 10 0 0 8 7 6 5 4 3 2 1 0 7 7 8 8 0 1 2 3 4 5 6 7 8 0 0 0 8 7 6 6 6 6 2 1 0 8 8 8 0 1 2 3 6 6 6 7 8 0 0 TG SET TG CLEARED TG SET TIMEOUT TC SET TC SET ENABLE Figure 8-4. Input Capture/Output Compare Mode Since the counter is not affected by TGATE ≈, it continues to decrement on the falling edge of the counter clock and load from the PREL1 at timeout, regardless of the value of TGATE ≈. When the counter counts down to the value contained in the COM, this condition is reflected by setting the timer compare (TC) and compare (COM) bits in the SR. TOUTx responds as selected by the OCx bits in the CR. The output level (OUT) bit in the SR reflects the value on TOUTx. Shadowing does not affect this operation. If the counter counts down to $0000, a timeout is detected, causing the SR timeout interrupt (TO) bit to be set and the SR COM bit to be cleared. On the next falling edge of the counter clock after the timeout is detected, the value in PREL1 is again loaded into the counter. TOUTx responds as selected by the CR OCx bits. A square-wave generator can be implemented by programming the CR OCx bits to toggle mode. The value in the COM should be one-half the value in PREL1 to cause an event to happen twice in the countdown. This mode can be used as a pulse-width modulator by programming the CR OCx bits to zero mode or one mode. The value in the PREL1 specifies the frequency, and the COM determines the pulse width. The pulse widths can be changed by writing a new value to the COM. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |