Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 354 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 354 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 350Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 351Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 352Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 353Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 354Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 355Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 356Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 357Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 358Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 441 page
background image
8- 10
MC68340 USER’S MANUAL
MOTOROLA
successive timeout causes the counter to be loaded alternately with the values from
PREL1 and PREL2.
TOUTx behaves as a variable duty-cycle square wave when the CR OC bits are
programmed for toggle mode. The second timeout occurs after N2 + 1 periods (allowing
for the zero cycle), resulting in a change of state on TOUTx. The third timeout occurs after
N1 + 1 periods, resulting in a change of state on TOUTx, and so on (see Figure 8-6). The
OUT bit in the SR reflects the level of TOUTx.
COUNTER
CLOCK
0
0
4
3
2
1
0
2
1
0
4
3
2
1
COUNTER
TOUT
N1: N1 + 1
N2 + 1
N1 + 1
ENABLE
TIMEOUT
TIMEOUT
TIMEOUT
MODEx Bits in Control Register = 010
Preload 1 Register = N1 = 4
Preload 2 Register = N2 = 2
OCx Bits in Control Register = 01
0
2
1
0
TIMEOUT
N2 + 1
Figure 8-6. Variable Duty-Cycle Square-Wave Generator Mode
If
TGATE
≈ is negated when it is enabled (TGE = 1), the prescaler and counter are
disabled. Additionally, the TG bit of the SR is set, indicating that
TGATE
≈ was negated.
The ON bit of the SR is cleared, indicating that the timer is disabled. If
TGATE
≈ is
reasserted, the timer is re-enabled and begins counting from the value attained when
TGATE
≈ was negated. The ON bit is set again.
If
TGATE
≈ is not enabled (TGE = 0), TGATE≈ has no effect on the operation of the timer.
In this case, the counter would begin counting on the falling edge of the counter clock
immediately after the SWR and CPE bits in the CR are set. The SR TG bit cannot be set.
At all times, the TGL bit in the SR reflects the level of
TGATE
≈.
The duty cycle of the waveform generated on TOUTx can be dynamically changed by
writing new values into PREL1 and/or PREL2. If PREL1 or PREL2 is being accessed
simultaneously by the counter logic and a CPU32 write, the old preload value may actually
get loaded into the counter at timeout. If at timeout, the counting logic was accessing
PREL2 and the CPU32 was writing to PREL1 (or visa versa), there would be no
unexpected results.
8.3.4 Variable-Width Single-Shot Pulse Generator
This mode is used to produce a one-time pulse that has a delay controlled by the value
stored in PREL1 and a duration controlled by the value stored in PREL2. With TOUTx
programmed to change state, this sequence creates a single pulse of variable width. This
mode can be selected by programming the CR MODE bits to 011.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com