Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 356 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 356 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 352Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 353Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 354Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 355Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 356Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 357Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 358Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 359Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 360Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 441 page
background image
8- 12
MC68340 USER’S MANUAL
MOTOROLA
immediately after the SWR and CPE bits in the CR are set. The SR TG bit cannot be set.
At all times, the TGL bit in the SR reflects the level of
TGATE
≈.
The width of the pulse generated on TOUTx (the value in PREL2) can be changed while
the counter is counting down from the value in PREL1. Caution must be used because, if
PREL2 is accessed simultaneously by the counting logic and a CPU32 write, the old
PREL2 value may actually get loaded into the counter at timeout.
8.3.5 Pulse-Width Measurement
This mode is used to count the clock cycles during a particular event (see Figure 8-8). The
event is defined by the assertion and negation of
TGATE
≈. When TGATE≈ is asserted,
the counter begins counting down from $FFFF. When
TGATE
≈ is negated, the counter
stops counting and holds the value at which it stopped. Further assertions and negations
of
TGATE
≈ have no effect on the counter. This mode can be selected by programming
the CR MODEx bits to 100.
The timer is enabled by setting the SWR, CPE, and TGE bits in the CR. Asserting
TGATE
≈ starts the counter. When the timer is enabled, the SR ON bit is set. On the next
falling edge of the counter clock, the counter is loaded with the value $FFFF. With each
successive falling edge of the counter clock, the counter decrements. The PREL1 and
PREL2 registers are not used in this mode.
When
TGATE
≈ is negated, the SR TG bit is set, the ON bit is negated, and the prescaler
and counter are disabled. Subsequent transitions on
TGATE
≈ do not re-enable the
counter. The TGL bit in the SR reflects the level of
TGATE
≈ at all times.
COUNTER
CLOCK
TGATE
0
f
f
f
f
f
f
f
f
f
f
f
f
f
e
d
c
MEASURED PULSE
f
f
f
b
f
f
f
b
START
COUNTING
ENABLE
STOP
COUNTING
NO EFFECT
MODEx Bits in Control Register = 100
TGE Bit of Control Register = 1
COUNTER
Figure 8-8. Pulse-Width Measurement Mode
If the counter counts down to the value stored in the COM register, the COM and TC bits
in the SR are set. If the counter counts down to $0000, a timeout is detected. This sets the
SR TO, and the clears the COM bit. At timeout, the next falling edge of the counter clock
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com