Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 360 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 360 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 356Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 357Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 358Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 359Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 360Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 361Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 362Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 363Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 364Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 441 page
background image
8- 16
MC68340 USER’S MANUAL
MOTOROLA
8.3.8 Timer Bypass
In this mode, the counter and prescaler cannot be enabled. However
TGATE
≈ and
TOUTx can be used for I/O. This mode can be selected by programming the CR MODE
bits to 111.
TGATE
≈ can be used as a simple input port when the CR is configured as follows:
CR
15
14
13
12
11
10
9876543210
SWR
IE2
IE1
IE0
TGE
PCLK
CPE
CLK
POT2
POT1
POT0
MODE2 MODE1 MODE0
OC1
OC0
TGATE
≈ AS A SIMPLE INPUT
XX0
XXX1
XXXX
111X
X
X-Don’t care
When
TGATE
≈ is asserted, the SR ON bit is set. When TGATE≈ is negated, the ON bit is
cleared. The value of the TGL bit in the SR reflects the level of
TGATE
≈. TGATE≈ can
also be used as an input port that generates interrupts on a low-to-high transition of
TGATE
≈ when the CR is configured as follows:
CR
15
14
13
12
11
10
9876543210
SWR
IE2
IE1
IE0
TGE
PCLK
CPE
CLK
POT2
POT1
POT0
MODE2 MODE1 MODE0
OC1
OC0
TGATE
≈ AS AN INPUT/INTERRUPT
XX1
X1
X1
XXXX
111X
X
When
TGATE
≈ is negated, the SR TG bit is set, and the programmed IRQx signal is
asserted to the CPU32. The TG bit can only be cleared by writing a one to this bit position.
The value of the SR TGL bit reflects the level of
TGATE
≈.
Additionally, TOUTx can be used as a simple output port when the CR is configured as
follows:
CR
15
14
13
12
11
10
9876543210
SWR
IE2
IE1
IE0
TGE
PCLK
CPE
CLK
POT2
POT1
POT0
MODE2 MODE1 MODE0
OC1
OC0
TGATE
≈ AS A SIMPLE OUTPUT
0
XXXXX1
XXXX1
1
1
OC1
OC0
SWR must be a zero to change the value of TOUTx. Changing the value of the CR OCx
bits determines the level of TOUTx as shown in Table 8-1.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com