Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 364 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 364 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 360Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 361Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 362Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 363Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 364Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 365Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 366Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 367Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 368Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 441 page
background image
8- 20
MC68340 USER’S MANUAL
MOTOROLA
8.4.2 Interrupt Register (IR)
The IR contains the priority level for the timer interrupt request and the 8-bit vector number
of the interrupt. The register can be read or written to at any time while in supervisor mode
and while the timer module is enabled (i.e., the STP bit in the MCR is cleared).
IR
$604, $644
15
14
13
12
11
10
9876543210
00000
IL2
IL1
IL0
IVR7
IVR6
IVR5
IVR4
IVR3
IVR2
IVR1
IVR0
RESET:
0000000000001111
Supervisor Only
Bits 15–11—Reserved
IL2–IL0—Interrupt Level Bits
Each module that can generate interrupts has an interrupt level field. The priority level
encoded in these bits is sent to the CPU32 on the appropriate
IRQ
≈ signal. The CPU32
uses this value to determine servicing priority. See Section 5 CPU32 for more
information.
IV7–IV0—Interrupt Vector Bits
Each module that can generate interrupts has an interrupt vector (IV) field. This 8-bit
number indicates the offset from the base of the vector table where the address of the
exception handler for the specified interrupt is located. The IV field is reset to $0F,
which indicates an uninitialized interrupt condition. See Section 5 CPU32 for more
information.
8.4.3 Control Register (CR)
The CR controls the operation of the timer. The register can always be read or written
when the timer module is enabled (i.e., the STP bit in the MCR is cleared). Changing the
contents of the CR should only be attempted when the timer is disabled (the SWR bit in
the CR is cleared). Changing the CR while the timer is running may produce unpredictable
results.
CR
$606, $646
15
14
13
12
11
10
9876543210
SWR
IE2
IE1
IE0
TGE
PCLK
CPE
CLK
POT2
POT1
POT0
MODE2 MODE1 MODE0
OC1
OC0
RESET:
0000000000000000
Supervisor/User
SWR—Software Reset
1 = Removes the software reset.
0 = A software reset is performed by first clearing this bit and then clearing the TO,
TG, and TC bits in the SR. The prescaler is loaded with $FF, the counter is set to
$0000, and the SR COM bit is cleared. When this bit is zero, the timer is
disabled.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com