Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 367 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 367 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 363Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 364Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 365Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 366Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 367Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 368Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 369Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 370Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 371Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
8- 23
Disabled—TOUTx is disabled and three-stated.
Toggle Mode—If the timer is disabled (SWR = 0) when this encoding is programmed,
TOUTx is immediately set to zero. If the timer is enabled (SWR = 1), timeout events
(counter reaches $0000) toggle TOUTx. In the input capture/output compare mode,
TOUTx is immediately set to zero if the timer is disabled (SWR = 0). If the timer is
enabled (SWR = 1), timer compare events toggle TOUTx. (Timer compare events occur
when the counter reaches the value stored in the COM.)
Zero Mode—If the timer is disabled (SWR = 0) when this encoding is programmed,
TOUTx is immediately set to zero. If the timer is enabled (SWR = 1), TOUTx will be set
to zero at the next timeout. In the input capture/output compare mode, TOUTx is
immediately set to zero if the timer is disabled (SWR = 0). If the timer is enabled (SWR
= 1), TOUTx will be set to zero at timeouts and set to one at timer compare events. If
the COM is $0000, TOUTx will be set to zero at the timeout/timer compare event.
One Mode—If the timer is disabled (SWR = 0) when this encoding is programmed,
TOUTx is immediately set to one. If the timer is enabled (SWR = 1), TOUTx will be set
to one at the next timeout. In the input capture/output compare mode, TOUTx is
immediately set to one if the timer is disabled (SWR = 0). If the timer is enabled (SWR =
1), TOUTx will be set to one at timeouts and set to zero at timer compare events. If the
COM is $0000, TOUTx will be set to one at the timeout/timer compare event.
8.4.4 Status Register (SR)
The SR contains timer status information as well as the state of the prescaler. This
register is updated on the rising edge of the system clock when a read of its location is not
in progress, allowing the most current information to be contained in this register. The
register can be read, and the TO, TG, and TC bits can be written when the timer module is
enabled (i.e., the STP bit in the MCR is cleared).
SR
$608, $648
15
14
13
12
11
10
9876543210
IRQ
TO
TG
TC
TGL
ON
OUT
COM
PO7
PO6
PO5
PO4
PO3
PO2
PO1
PO0
RESET (
TGATE
≈ NEGATED):
0000100011111111
RESET (
TGATE
≈ ASSERTED):
0000000011111111
Supervisor/User
IRQ—Interrupt Request bit
The positioning of this bit in the most significant location in this register allows it it be
conditionally tested as if it were a signed binary integer.
1 = An interrupt condition has occurred. This bit is the logical OR of the enabled TO,
TG, and TC interrupt bits.
0 = The bit(s) that caused the interrupt condition has been cleared. If an
IRQ
≈ signal
has been asserted, it is negated when this bit is cleared.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com