Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 371 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 371 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 367Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 368Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 369Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 370Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 371Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 372Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 373Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 374Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 375Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
8- 27
Caution must be exercised when accessing the COM. If it were to be accessed
simultaneously by the compare logic and by a write, the old compare value may get
compared to the counter value.
8.5 TIMER MODULE INITIALIZATION SEQUENCE
The following paragraphs discuss a suggested method for initializing the timer module.
Since both timers are functionally equivalent, only one timer module will be referenced.
8.5.1 Timer Module Configuration
If the timer capability of the MC68340 is being used, the following steps should be
followed to initialize a timer module properly. Note that this sequence must be done for
each timer module used.
Control Register (CR)
• Clear the SWR bit to disable the timer.
Status Register (SR)
• Clear the TO, TG, and TG bits to reset the interrupts.
Module Configuration Register (MCR)
• Initialize the STP for normal operation.
• Select whether to respond to or ignore FREEZE (FRZx bits).
• Select the access privilege for the supervisor/user registers (SUPV bit).
• Select the interrupt arbitration level for the timer module (IARBx bits).
Interrupt Register (IR)
• Program the interrupt priority level for the timer interrupts (ILx bits).
• Program the interrupt vector number for the timer interrupts (IVx bits).
Preload Registers (PREL1 and PREL2)
• If required, initialize the preload registers for mode of operation.
Compare Register (COM)
• If desired, initialize the compare register.
The following steps begin operation:
Control Register (CR)
• Set the SWR bit to enable the timer.
• Enable the desired interrupts (IEx bits).
• Enable
TGATE if required for mode of operation (TGE bit).
• Select the prescaler clock (PCLK bit).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com