Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 373 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 373 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 369Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 370Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 371Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 372Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 373Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 374Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 375Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 376Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 377Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
8- 29
* Module configuration register:
* Timer1 module is set for normal operation, ignore FREEZE.
* Supervisor/user timer1 registers unrestricted.
* Interrupt arbitration at priority $03.
MOVE.W
#$0003,MCR1(A0)
* Initialize timer1 interrupt level to 2 and vector to $0F
MOVE.W
#$020F,IR1(A0)
* Initialize preload 1 to 3
MOVE.W
#$0003,PRLD11(A0)
* Initialize the compare register to 0
CLR.W
COM1(A0)
* Control register 1:
* Enable timer1, no interrupts are enabled, TGATE signal has no effect.
* Use the selected clock for the counter clock, and enable it.
* Selected clock is 1/2 system's freq. Square-wave generation, toggle TOUT.
MOVE.W
#$8205,CR1(A0)
***************************************************************************
END
***************************************************************************
***************************************************************************
* MC68340 basic timer module register initialization example code.
* This code is used to initialize the 68340's internal timer module
* registers, providing basic functions for operation.
* It sets up timer1 for pulse-width measurement. In this mode, the number
* of clock cycles during a particular event are counted. The event is
* defined by the assertion and negation of TGATE.
***************************************************************************
***************************************************************************
* equates
***************************************************************************
MBAR
EQU $0003FF00 Address of SIM40 Module Base Address Reg.
MODBASE
EQU $FFFFF000 SIM40 MBAR address value
***************************************************************************
* Timer1 module equates
TIMER1
EQU $600
Offset from MBAR for timer1 module regs
MCR1
EQU $0
MCR for timer1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com