Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 376 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 376 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 372Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 373Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 374Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 375Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 376Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 377Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 378Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 379Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 380Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
9- 1
SECTION 9
IEEE 1149.1 TEST ACCESS PORT
The MC68340 includes dedicated user-accessible test logic that is fully compatible with
the
IEEE 1149.1 Standard Test Access Port and Boundary Scan Architecture. Problems
associated with testing high-density circuit boards have led to development of this
proposed standard under the sponsorship of the Test Technology Committee of IEEE and
the Joint Test Action Group (JTAG). The MC68340 implementation supports circuit-board
test strategies based on this standard.
The test logic includes a test access port (TAP) consisting of four dedicated signal pins, a
16-state controller, an instruction register, and two test data registers. A boundary scan
register links all device signal pins into a single shift register. The test logic, implemented
using static logic design, is independent of the device system logic. The MC68340
implementation provides the following capabilities:
a. Perform boundary scan operations to test circuit-board electrical continuity
b. Sample the MC68340 system pins during operation and transparently shift
out the result in the boundary scan register
c. Bypass the MC68340 for a given circuit-board test by effectively reducing the
boundary scan register to a single bit
d. Disable the output drive to pins during circuit-board testing
NOTE
Certain precautions must be observed to ensure that the IEEE
1149.1 test logic does not interfere with nontest operation. See
9.6 Non-IEEE 1149.1 Operation for details.
9.1 OVERVIEW
NOTE
This description is not intended to be used without the
supporting IEEE 1149.1 document.
The discussion includes those items required by the standard and provides additional
information specific to the MC68340 implementation. For internal details and applications
of the standard, refer to the IEEE 1149.1 document.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com