Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 378 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 378 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 374Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 375Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 376Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 377Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 378Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 379Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 380Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 381Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 382Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
9- 3
TEST LOGIC
RESET
RUN-TEST/IDLE
SELECT-DR_SCAN
CAPTURE-DR
SELECT-IR_SCAN
CAPTURE-IR
SHIFT-DR
SHIFT-IR
EXIT1-DR
EXIT1-IR
PAUSE-DR
PAUSE-IR
EXIT2-DR
UPDATE-DR
EXIT2-IR
UPDATE -IR
1
0
1
1
0
1
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
0
0
0
0
0
Figure 9-2. TAP Controller State Machine
9.3 BOUNDARY SCAN REGISTER
The MC68340 IEEE 1149.1 implementation has a 132-bit boundary scan register. This
register contains bits for all device signal and clock pins and associated control signals.
The XTAL, X2, and XFC pins are associated with analog signals and are not included in
the boundary scan register.
All MC68340 bidirectional pins, except the open-drain I/O pins (
DONE1, DONE2, HALT,
and RESET), have a single register bit for pin data and an associated control bit in the
boundary scan register. All open drain I/O pins have two register bits, input and output, for
pin data and no associated control bit. To ensure proper operation, the open-drain pins
require external pullups. Twenty-three control bits in the boundary scan register define the
output enable signal for associated groups of bidirectional and three-state pins. The
control bits and their bit positions are listed in Table 9-1.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com