Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 377 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 377 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 373Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 374Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 375Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 376Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 377Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 378Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 379Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 380Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 381Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 441 page
background image
9- 2
MC68340 USER’S MANUAL
MOTOROLA
An overview of the MC68340 implementation of IEEE 1149.1 is shown in Figure 9-1. The
MC68340 implementation includes a 16-state controller, a 3-bit instruction register, and
two test registers (a 1-bit bypass register and a 132-bit boundary scan register). This
implementation includes a dedicated TAP consisting of the following signals:
TCK
—
a test clock input to synchronize the test logic
TMS —
a test mode select input (with an internal pullup resistor) that is sampled on
the rising edge of TCK to sequence the TAP controller's state machine
TDI
—
a test data input (with an internal pullup resistor) that is sampled on the
rising edge of TCK.
TDO —
a three-state test data output that is actively driven in the shift-IR and shift-
DR controller states. TDO changes on the falling edge of TCK.
3-BIT INSTRUCTION REGISTER
DECODER
TAP
CTLR
TMS
TCK
BOUNDARY SCAN REGISTER
BYPASS
TDI
M
U
X
M
U
X
TDO
TEST DATA REGISTERS
(133 BITS)
2
0
132
0
Figure 9-1. Test Access Port Block Diagram
9.2 TAP CONTROLLER
The TAP controller is responsible for interpreting the sequence of logical values on the
TMS signal. It is a synchronous state machine that controls the operation of the JTAG
logic. The state machine is shown in Figure 9-2; the value shown adjacent to each arc
represents the value of the TMS signal sampled on the rising edge of the TCK signal. For
a description of the TAP controller states, please refer to the IEEE 1149.1 document.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com