Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 381 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 381 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 377Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 378Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 379Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 380Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 381Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 382Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 383Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 384Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 385Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 441 page
background image
9- 6
MC68340 USER’S MANUAL
MOTOROLA
Table 9-2. Boundary Scan Bit Definitions (Continued)
Bit
Num
Cell Type
Pin/Cell
Name
Pin
Type
Output
CTL Cell
Bit
Num
Cell Type
Pin/Cell
Name
Pin
Type
Output
CTL Cell
70
IO.Cell
D3
I/O
db.ctl
101
IO.Ctl0
ab31.ctl
—
—
71
IO.Cell
D4
I/O
db.ctl
102
IO.Cell
A0
I/O*
ab.ctl
72
IO.Cell
D5
I/O
db.ctl
103
IO.Cell
DSACK0
I/O**
berr.ctl
73
IO.Cell
D6
I/O
db.ctl
104
IO.Cell
DSACK1
I/O**
berr.ctl
74
IO.Cell
D7
I/O
db.ctl
105
IO.Cell
RMC
I/O*
ab.ctl
75
IO.Cell
D8
I/O
db.ctl
106
IO.Cell
R/
W
I/O*
ab.ctl
76
IO.Cell
D9
I/O
db.ctl
107
IO.Cell
SIZ1
I/O*
ab.ctl
77
IO.Cell
D10
I/O
db.ctl
108
IO.Cell
SIZ0
I/O*
ab.ctl
78
IO.Cell
D11
I/O
db.ctl
109
IO.Cell
DS
I/O*
ab.ctl
79
IO.Cell
D12
I/O
db.ctl
110
IO.Cell
AS
I/O*
ab.ctl
80
IO.Cell
D13
I/O
db.ctl
111
I.Pin
BGACK
Input
—
81
IO.Cell
D14
I/O
db.ctl
112
O.Latch
BG
Output
—
82
IO.Cell
D15
I/O
db.ctl
113
I.Pin
BR
Input
—
83
IO.Ctl1
ab.ctl
—
—
114
IO.Cell
BERR
I/O**
berr.ctl
84
IO.Ctl0
berr.ctl
—
—
115
O.Latch
HALT
OD-I/O
—
85
IO.Ctl1
db.ctl
—
—
116
I.Pin
HALT
OD-I/O
—
86
IO.Cell
A24
I/O
ab24.ctl
117
O.Latch
RESET
OD-I/O
—
87
IO.Ctl0
ab24.ctl
—
—
118
I.Pin
RESET
OD-I/O
—
88
IO.Cell
A25
I/O
ab25.ctl
119
O.Latch
CLKOUT
Output
—
89
IO.Ctl0
ab25.ctl
—
—
120
I.Pin
EXTAL
Input
—
90
IO.Cell
A26
I/O
ab26.ctl
121
IO.Cell
MODCK
I/O
modck.ctl
91
IO.Ctl0
ab26.ctl
—
—
122
IO.Ctl0
modck.ctl
—
—
92
IO.Cell
A27
I/O
ab27.ctl
123
O.Latch
IPIPE
Output
—
93
IO.Ctl0
ab27.ctl
—
—
124
IO.Cell
IFETCH
I/O*
ifetch.ctl
94
IO.Cell
A28
I/O
ab28.ctl
125
IO.Ctl0
ifetch.ctl
—
—
95
IO.Ctl0
ab28.ctl
—
—
126
I.Pin
BKPT
Input
—
96
IO.Cell
A29
I/O
ab29.ctl
127
O.Latch
FREEZE
Output
—
97
IO.Ctl0
ab29.ctl
—
—
128
I.Pin
TIN1
Input
—
98
IO.Cell
A30
I/O
ab30.ctl
129
O.Latch
TOUT1
TS-Output
tout1.ctl
99
IO.Ctl0
ab30.ctl
—
—
130
IO.Ctl0
tout1.ctl
—
—
100
IO.Cell
A31
I/O
ab31.ctl
131
I.Pin
TGATE1
Input
—
NOTES:
The noted pins are implemented differently than defined in the signal definition description:
*
Input during Motorola factory test
**
Output during Motorola factory test
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com