Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 384 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 384 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 380Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 381Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 382Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 383Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 384Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 385Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 386Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 387Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 388Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
9- 9
1
MUX
1
G1
1
MUX
1
G1
OUTPUT
FROM
SYSTEM
LOGIC
FROM LAST
CELL
1D
C1
CLOCK DR
1D
C1
UPDATE DR
TO NEXT
CELL
TO OUTPUT
DRIVER
1 – EXTEST
0 – OTHERWISE
SHIFT DR
1
MUX
1
G1
FROM OUTPUT
ENABLE
FROM PIN
Figure 9-7. Bidirectional Data Cell (IO.Cell)
IO.CTL0
OR
IO.CTL1
IO.CELL
EN
FROM LAST CELL
OUTPUT
DATA
INPUT
DATA
OUTPUT
ENABLE
I/O
PIN
TO NEXT CELL
TO NEXT
BIDIRECTIONAL
PIN
*
NOTE: More than one lO.Cell could be serially connected and controlled by a single IO.Ctlx cell.
Figure 9-8. General Arrangement for Bidirectional Pins
9.4 INSTRUCTION REGISTER
The MC68340 IEEE 1149.1 implementation includes the three mandatory public
instructions (EXTEST, SAMPLE/PRELOAD, and BYPASS), but does not support any of
the optional public instructions defined by IEEE 1149.1. One additional public instruction
(HI-Z) provides the capability for disabling all device output drivers. The MC68340
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com