Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 388 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 388 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 384Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 385Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 386Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 387Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 388Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 389Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 390Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 391Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 392Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
10-1
SECTION 10
APPLICATIONS
This section provides guidelines for using the MC68340. Minimum system-configuration
requirements and memory interface information are discussed.
10.1 MINIMUM SYSTEM CONFIGURATION
One of the powerful features of the MC68340 is the small number of external components
needed to create an entire system. The information contained in the following paragraphs
details a simple high-performance MC68340 system (see Figure 10-1). This system
configuration features the following hardware:
• Processor Clock Circuitry
• Reset Circuitry
• SRAM Interface
• ROM Interface
• Serial Interface
CLOCK
CIRCUITRY
MC68340
SRAM
ROM
SERIAL
INTERFACE
Figure 10-1. Minimum System Configuration Block Diagram
10.1.1 Processor Clock Circuitry
The MC68340 has an on-chip clock synthesizer that can operate from an on-chip phase-
locked loop (PLL) and a voltage-controlled oscillator (VCO). The clock synthesizer uses
an external crystal connected between the EXTAL and XTAL pins as a reference
frequency source. Figure 10-2 shows a typical circuit using an inexpensive 32.768-kHz
watch crystal. The 20-M resistor connected between the EXTAL and XTAL pins provides
biasing for a faster oscillator startup time. The crystal manufacturer's documentation
should be consulted for specific recommendations on external component values.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com