Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 389 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 389 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 385Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 386Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 387Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 388Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 389Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 390Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 391Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 392Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 393Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 441 page
background image
10-2
MC68340 USER’S MANUAL
MOTOROLA
MC68340
XTAL
EXTAL
20 M
4.7 pF
10 pF
330 k
32.768 kHz
Figure 10-2. Sample Crystal Circuit
The circuit shown in Figure 10-3 is the typical circuit recommended by Statek Corporation,
for 32768 kHz crystal, part number CX-IV. It is recommended to start with these values,
but parameter values may need to be adjusted to compensate for variables in layout.
MC68340
XTAL
EXTAL
22 M
10 pF
20 pF
470 k
32.768 kHz
Figure 10-3. Statek Corporation Crystal Circuit
A separate power pin (VCCSYN) is used to allow the clock circuits to operate with the rest
of the device powered down and to provide increased noise immunity for the clock circuits.
The source for VCCSYN should be a quiet power supply, and external bypass capacitors
(see Figure 10-4) should be placed as close as possible to the VCCSYN pin to ensure a
stable operating frequency.
Additionally, the PLL requires that an external low-leakage filter capacitor, typically in the
range of 0.01 to 0.1
µF, be connected between the XFC and VCCSYN pins. The XFC
capacitor should provide 50-M
Ω insulation but should not be electrolytic. For external
clock mode without PLL, the XFC pin can be left open. Smaller values of the external filter
capacitor provide a faster response time for the PLL, and larger values provide greater
frequency stability. Figure 10-4 depicts examples of both an external filter capacitor and
bypass capacitors for VCCSYN.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com