Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 391 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 391 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 387Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 388Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 389Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 390Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 391Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 392Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 393Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 394Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 395Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 441 page
background image
10-4
MC68340 USER’S MANUAL
MOTOROLA
load capacitance on the chip-select (
CS
≈) signal is not exceeded. (Address buffers may
be needed, however.)
10.1.4 ROM Interface
Using the programmable chip selects creates a very straightforward ROM interface. As
shown in Figure 10-6, no external circuitry is needed. Care must be used, however, not to
overload the address bus. Address buffers may be required to ensure that the total system
input capacitance on the address signals does not exceed the CL specification.
MC68340
A16–A1
D15–D0
CS0
16-BIT
ROM
CE
CE
Figure 10-6. ROM Interface
10.1.5 Serial Interface
The necessary circuitry to create an RS-232 interface with the MC68340 includes an
external crystal and an RS-232 receiver/driver (see Figure 10-7). The resistor and
capacitor values shown are typical; the crystal manufacturer's documentation should be
consulted for specific recommendations on external component values. The circuit shown
does not include modem support (ready-to-send (RTS) and clear-to-send (CTS) are not
shown); however, these signals can be connected to the receiver/driver and to the
connector in a similar manner as the connections for TxDx and RxDx.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com