Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 394 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 394 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 390Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 391Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 392Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 393Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 394Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 395Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 396Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 397Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 398Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
10-7
An equation for the chip select access time, tCSDV, can be developed as follows:
tCSDV = tcyc(Nc – 1) – ts9 – ts27
where:
tcyc = system clock period
Nc = number of clocks per access
ts9 = CLKOUT low to CS≈ asserted = 30 ns maximum at 16.78 MHz
ts27 = data-in valid to CLKOUT low setup = 5 ns minimum at 16.78 MHz
Using these equations, the memory access times at 16.78 MHz are shown in Table 10-1.
See Section 11 Electrical Characteristics for more timing information.
Table 10-1. Memory Access Times at 16.78 MHz
Access Time
N = 2
N = 3
N = 4
N = 5
N = 6
tADV
54 ns
114 ns
173 ns
233 ns
292 ns
tCSDV
24 ns
84 ns
143 ns
203 ns
263 ns
The values can be used to determine how many clock cycles an access will take, given
the access time of the memory devices and any delays through buffers or external logic
that may be needed.
10.2.3 Calculating Frequency-Adjusted Output
The general relationship between the CLKOUT and most input and output signals is
shown in Figure 10-11. Most outputs transition off of a falling edge of CLKOUT, but the
same principle applies to those outputs that transition off of a rising edge.
CLKOUT
OUTPUTS
ASYNCHRONOUS
INPUTS
t d
t su
h
t
Figure 10-11. Signal Relationships to CLKOUT
For outputs that are referenced to a clock edge, the propagation delay (td ) does not
change as the frequency changes. For instance, specification 6 in the electrical
characteristics, shown in Section 11 Electrical Characteristics, shows that address,
function code, and size information is valid 3 to 30 ns after the rising edge of S0. This
specification does not change even if the device frequency is less than 16.78 MHz.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com