Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 397 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 397 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 393Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 394Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 395Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 396Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 397Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 398Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 399Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 400Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 401Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 441 page
background image
10-10
MC68340 USER’S MANUAL
MOTOROLA
10.2.4 Interfacing an 8-Bit Device to 16-Bit Memory Using Single-
Address DMA Mode
One of the requirements of single-address mode is that the source and destination must
be the same port size. However, the MC68340 can perform direct memory accesses in
single-address mode between an 8-bit device and 16-bit memory. The port size must be
specified as 8 bits, and some external logic is required as shown in Figure 10-14.
DEVICE
74F245
B
T/R
OE
A
MC68340
MEMORY
D15-D8
SIZ0
SIZ1
A0
R/W
D7-D0
Figure 10-14. Circuitry for Interfacing 8-Bit Device to
16-Bit Memory in Single-Address DMA Mode
During even-byte accesses, the data is transferred directly on D15–D8. However, during
odd-byte accesses, the data must be routed on D15–D8 for the 8-bit device and on D7–
D0 for the 16-bit memory.
10.3 POWER CONSUMPTION CONSIDERATIONS
The MC68340 can be designed into low-power applications that involve high-performance
processing capability (32-bits), high functional density, small size, portable capability, and
battery operation.
The MC68340 fits into the following types of applications:
• "Palmtop" Computers
• Telephony
— Stylus Input
— Cordless Phones
— Voice Input
— Cellular Phones
— Image Input
• CD-I, CD-ROM
• Transaction Tracking
• Defense Industry
— Car Rental
— Guidance Systems
— Cargo
— Tracking Systems
— Courier
• Data Entry
— Handheld
• Instruments
• Bar Code Scanners
• Handheld Games
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com