Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 400 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 400 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 396Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 397Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 398Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 399Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 400Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 401Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 402Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 403Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 404Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
10-13
10.3.2 MC68340V (3.3 V)
The MC68340V can operate with a 3.3-V power supply for significant power savings. The
formula for power dissipation is
Pd ≈ V2 × f + dc
Table 10-2 shows typical electrical characteristics for both the MC68340 and MC68340V.
Table 10-2. Typical Electrical Characteristics
Parameter
MC68340 (5.0 V)
MC68340V (3.3 V)
Clock Frequency
0–16.78 MHz
0–25 MHz
0–8.39 MHz
0–16.78 MHz
Typical Current (16 MHz)
95 mA
TBD
Typical Current (8 MHz)
55 mA
30 mA
Standby Current
60
µA
25
µA
Running at 3.3 V saves 66% of the power consumption.
The 3.3 V operation provides the following user advantages:
Advantage
Benefit
Lower Supply Voltage
Fewer Batteries
Fewer Batteries
Less Weight
Smaller Size
Lower Current Drain
Extended Battery Life
Less Heat Generated
No Fan
No Fan Noise
Less EMF Radiation
Easier FCC Certification
Less Crosstalk
Closer PCB Traces
High Functional Integration
All-In-One 3.3 V Part:
Processor
Peripherals
Glue Logic
These advantages result in a much more portable system.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com