Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 401 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 401 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 397Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 398Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 399Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 400Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 401Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 402Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 403Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 404Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 405Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
11-1
This device contains protective
circuitry against damage due to
high static voltages or electrical
fields; however, it is advised that
normal precautions be taken to
avoid application of any voltages
higher than maximum-rated
voltages to this high-impedance
circuit. Reliability of operation is
enhanced if unused inputs are
tied to an appropriate logic
voltage level (e.g., either GND
or V CC).
SECTION 11
ELECTRICAL CHARACTERISTICS
This section contains detailed information on power considerations, DC/AC electrical
characteristics, and AC timing specifications of the MC68340. Refer to Section 12
Ordering Information and Mechanical Data for specific part numbers corresponding to
voltage, frequency, and temperature ratings.
11.1 MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage 1, 2
VCC
–0.3 to +6.5
V
Input Voltage1, 2
Vin
–0.3 to +6.5
V
Operating Temperature Range
TA
0 to 70
or
–40 to +85
°C
Storage Temperature Range
Tstg
–55 to +150
°C
NOTES:
1.
Permanent damage can occur if maximum ratings are exceeded. Exposure
to voltages or currents in excess of recommended values affects device
reliability. Device modules may not operate normally while being exposed to
electrical extremes.
2.
Although sections of the device contain circuitry to protect against damage
from high static voltages or electrical fields, take normal precautions to
avoid exposure to voltages higher than maximum-rated voltages.
The following ratings define a range of conditions in which the device will operate without
being damaged. However, sections of the device may not operate normally while being
exposed to the electrical extremes.
11.2 THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance—Junction to Case
Ceramic 144-Pin QFP
Plastic 145-Pin PGA
θJC
6
TBD
°C/W
Thermal Resistance—Junction to Ambient
Ceramic 144-Pin QFP
Plastic 145-Pin PGA
θJA
33
27*
°C/W
* Estimated
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com